Part Number Hot Search : 
FZ1200 0265R 31051 1691A 74ACT3 55301 SCT61110 BR101
Product Description
Full Text Search
 

To Download 0751400017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: Drawing (PDF)
0751400017 Active
1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS DockTM Plug, Vertical, 108Circuits
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Product Name PCB Headers 75140 Board-to-Board Plateau HS DockTM Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 108 108 Black, Natural, White 100 No No No Yes Copper-Nickel-Silicon, High Performance Alloy (HPA) Gold, Tin-Lead Tin-Lead High Temperature Thermoplastic 3 Vertical 0.111 In 2.82 mm Yes Yes 0.070 In 1.80 mm Tray 0.059 In, 0.197 In 1.50 mm, 5.00 mm 30 0.75 30 0.75 Yes Fully No Yes -20C to +85C Through Hole - Compliant Pin
Search Parts in this Series 75140Series Mates With 75019 Plateau HS DockTM Receptacle Right Angle
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 12V DC
Material Info Reference - Drawing Numbers
Sales Drawing SD-75140-002
This document was generated on 03/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0751400017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X